|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
contents accepted by : 3284ps 2701 - sx19v001-z1 - 2 july 5, '99 sx19v001-z1 3284ps 2701 - sx19v001-z1 - 2 3284ps 2702 - sx19v001-z1 - 2 3284ps 2703 - sx19v001-z1 - 2 3284ps 2704 - sx19v001-z1 - 2 3284ps 2705 - sx19v001-z1 - 2 3284ps 2706 - sx19v001-z1 - 2 3284ps 2707 - sx19v001-z1 - 2 3284ps 2708 - sx19v001-z1 - 2 3283ps 2709 - sx19v001-z1 - 2 3284ps 2710 - sx19v001-z1 - 2 3284ps 2711 - sx19v001-z1 - 2 3284ps 2712 - sx19v001-z1 - 2 3284ps 2713 - sx19v001-z1 - 2 1-1/1 2-1/1 3-1/1 4-1/1 5-1/2 ~ 5-2/2 6-1/3 ~ 6-3/3 7-1/1 8-1/6 ~ 8-6/6 9-1/1 10-1/4 ~ 10-4/4 11-1/3 ~ 11-3/3 12-1/2 ~ 12-2/2 13-1/1 page 1-1/1 proposed by : displays, hitachi, ltd. sh. no. displays, hitachi, ltd. 3300 hayano, mobara city chiba pref. 297 japan tel : +81-475-25-9005 (dial in) fax : +81-475-22-5217 for messrs : date : customer's acceptance specifications 1 2 3 4 5 6 7 8 9 10 11 12 13 cover record of revision mechanical data absolute maximum ratings electrical characteristics optical characteristics block diagram interface timing chart dimensional outline appearance standard precaution in design designation of lot mark precaution for use no. item sheet no. page
displays, hitachi, ltd. sh. no. page date 3284ps 2702 - sx19v001-z1 - 2 july 5, '99 2-1/1 record of revision date july 5,'99 3284ps 2703- sx19v001-z1-2 page 3-1/1 sheet no. summary 3. mechanical data (6) duty : 1/480 1/497 (recommendation) 3284ps 2703 - sx19v001-z1 - 2 july 5, '99 3-1/1 3. mechanical data (1) part name (2) module size (3) display size (4) dot pitch (5) number of dots (6) duty (7) lcd (8) viewing direction (9) backlight (10) weight (11) power supply voltage sx19v001-z1 197.0(w) mm 145.0(h) mm 6.0 typ (d) mm 151.657(w) mm 113.737(h) mm diagonal size 19cm (7.5") 0.079(w) mm 0.237(h) mm 640 3 (r,g,b)(w) 480 (h) dots 1/497 (recommendation) film type (negative type) the upper polarizer is an anti-glare type. (hardness:3h) 6 o'clock cold cathode fluorescent lamp (cfl) 1 (220) g typ 3.3v only displays, hitachi, ltd. sh. no. page date 3284ps 2704 - sx19v001-z1 - 2 july 5, '99 4-1/1 4. absolute maximum ratings 4. 1 electrical absolute maximum ratings item note 1 disp off, flm, cl1, cl2, d0 ~ d7 note 2 make certains you are grounded when handling lcm 4. 2 environmental absolute maximum ratings item note 1 ta < 40 c : 85%rh max. ta>40 c : absolute humidity must be lower than the humidity of 85%rh at 40 c. note 2 ta at -20 c ---------- <48h, at 60 c ---------- <168h note 3 background color changes slightly depending on ambient temperature. this phenomenon is reversible. note 4 5hz ~ 100hz (except resonance frequency) note 5 this module should be operated normally after finish the test. note 6 when lcm is operated at 5 c, the life time of cfl will be reduced. need to make sure of value of il and characteristics of inverter. also the response time at 5 c will be slower. ambient temperature humidity vibration shock corrosive gas operating min 5 c note 1 - - not acceptable max 40 c 2.45 m/s 2 (0.25g) 29.4 m/s 2 (3g) storage min -20 c note 1 - - not acceptable max 60 c 11.76 m/s 2 (1.2g) 490 m/s 2 (50g) note 5 note 5 comment note 2, 3 without condensation note 4 xyz directions 11ms vss=0v:standard power supply for logic contrast adjustment voltage input voltage input current static electricity symbol vdd-vss vcon-vss vi ii - min 0 0 -0.3 0 - max 7 .0 vdd vdd+0.3 1 - unit v v v a - comment note 1 note 2 displays, hitachi, ltd. sh. no. page date displays, hitachi, ltd. sh. no. page date 3284ps 2705 - sx19v001-z1 - 2 july 5, '99 5-1/2 5. electrical characteristics 5. 1 electrical characteristics of lcd item vss=0v (note 1) in proportion as the vcon voltage decrease the brightness will increase. (note 2) disp off, flm, cl1, cl2, d0 ~ d7 (note 3) fflm=100hz, ta=25 c, display pattern:checker pattern. (note 4) rush current of power on : 2a(pk) 100 m s (note 5) vcon (note 6) the contrast adjustment voltage is specified as 1.8 0.3v under the condition, when an optimum contrast is obtained by naked eyes as the "q" test pattern. fflm=100hz, 1/480duty (note 7) need to make sure of flickering and rippling of display when setting the frame frequency in your set. (note 8) absolute maximum ratings voltage of cfl cable for this module is as follows. vcfl side : 2kv vss side : 300v this inverter design shall not exceed the rated voltage. power supply voltage vdd vcon vi i dd icon(note5) iin (note2) vcon fflm contrast adjustment vdd-vss=3.3v - "h" level "l" level vdd-vss=3.3v vcon=0.8 ~ 2.8v vin=vddorvss ta= 5 c, f= 0 ta=25 c, f= 0 ta=40 c, f= 0 - voltage (note 1) input voltage for logic circuits (note 2) power supply current (note 3)(note 4) input leak current contrast adjustment voltage (note 6) frame frequency (note 7) symbol condition min typ max unit 3.15 0.8 0.8vdd 0 - - - 0.8 - - 80 3.30 - - - (50) - - - (1.8) - 100 3.45 2.8 vdd 0.2vdd - (20) 1.0 - - 2.8 120 v v v ma v hz m a displays, hitachi, ltd. sh. no. page date 3284ps 2705 - sx19v001-z1 - 2 july 5, '99 5-2/2 5. 2 electrical characteristics of backlight item (note 1) please design your lamp driving circuit (inverter) according to the above specifications, and inform hitachi of it. (note 2) starting discharge voltage is increased when lcm is operating at lower temperature. please check the characteristics of your inverter before applying to your set. (note 3) average life time of cfl will be decreased when lcm is operating at lower temperature. (note 4) under lower driving frequency of an inverter, a certain backlight system (cfl & cfl reflection sheet) may generate a sound noise. before designing the inverter, please consider the driving frequency and the noise. (note 5) when icfl is used over 4.0ma, it may cause uneven contrast near cfl location, due to heat dispersion from cfl. (note 6) under lower temperature, please check cfl characteristics on your inverter. (note 7) lamp voltage frequency lamp current (1lamp) (note6) starting discharge voltage symbol vl fl il vs (note 2) min - (50) (2.0) (note 2) (1400) typ (400) (60) - (3.0) max - (70) (5.5) (note 2) - unit vrms khz vrms ma note ta=25c ta=25c ta=5c gnd inv h.v a 3284ps 2706 - sx19v001-z1 - 2 july 5, '99 6 -1/3 6.1 optical characteristics of lcd 6. optical characteristics item ta=25 c (backlight on) (measurement condition : hitachi standard) note 1) ~ 7) : see next page. viewing area contrast ratio response time (rise) response time (fall) color tone (primary color) symbol f 2- f 1 k tr tf x y red x y x y x y green blue white condition q =0 , k > 2.0 f =0 , q =0 f =0 , q =0 f =0 , q =0 f =0 , q =0 min - (15) - - - - - - - - - - typ (40) (30) (220) (180) (0.49) (0.30) (0.32) (0.49) (0.16) (0.15) (0.28) (0.29) max - - - - - - - - - - - - unit deg - ms ms - - - - - - - - note 1),2) 3),5),6) 4) 4) 7) displays, hitachi, ltd. sh. no. page date 3284ps 2706 - sx19v001-z1 - 2 july 5, '99 6-2/3 note 1. definition of q and f (normal) viewing direction note 3. definition of contrast "k" note 2. definition of viewing angle f 1 and f 2 x y ( q =180 ) y' ( q =0 ) x' z f 1 f 2 q k = brightness on non-selected area (b2) brightness on selected area (b1) b1 b2 operation voltage (b1) (di="h") (b2) (di="l") k 2.0 f 1 f 2 f 1<0 < f 2 contrast ratio k vs viewing angle f f f =0 sensor back light sensor : bm-7 or correspondence equipment note 4. definition of optical response time note 5. hitachi will not do 100% inspection for minimum value. minimum value is for reference. note 6. hitachi will do sampling inspection for minimum value. note. 7 the lcd driving voltage should be adjusted at the voltage where the peak contrast is obtained. non-selective state selective state non-selective state 90 % 1 0 % tr rise time tf fa ll time displays, hitachi, ltd. sh. no. page date 1 0 % 3284ps 2706 - sx19v001-z1 - 2 july 5, '99 6-3/3 6.2 optical characteristics of backlight item note typ max unit min brightness rise time brightness uniformity - - - (60) 5 - - - 30 cd/m 2 minute % il=(3.0)ma note 1),2) il=(3.0)ma brightness 80% undermentioned note 1),4) measurement condition : hitachi standard) cfl : initial, ta=25 c display data should be all "on" the lcd driving voltage should be adjusted at the voltage where the peak contrast is obtained, when set pattern is all "q". (note 1) measurement after 10 minutes from cfl operating. average value of 9 points (note 3). (note 2) brightness control : 100% (note 3) measurement of the following 9 places on the display. x=70 x=240 x=410 p1 p7 p5 p3 p9 y=180 y=960 y=1740 (note 4) definition of the brightness tolerance. max brightness or min brightness - average brightness average brightness 100 displays, hitachi, ltd. sh. no. page date p2 p8 p6 p4 3284ps 2707 - sx19v001-z1 - 2 july 5, '99 7-1/1 7. block diagram displays, hitachi, ltd. sh. no. page date cn7 vcfl vss cfl buffer power supply circuit lcd panel column driving circuit x1 x480 timing circuit buffer timing circuit m disp off cn3 flm cl1 cl2 disp off d7~d0 vdd vss vcon 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -1/6 8. interface timing chart 8.1 timing chart displays, hitachi, ltd. sh. no. page date flm cl1 cl2 d7 d6 d0 cl1 flm r b g y1 y9 y1917 g r b y2 y10 y1918 r b g y7 y15 y1919 g r b y8 y16 y1920 d1 x1 x2 x48 0 dummy data x47 9 (reduction) (480+n) t x1 x2 dummy data d0~d7 t item symbol min typ max unit ns ns ns ns ns ns ns ns ns ns 30 200 50 100 40 15 20 10 50 10 twhcl1 tcyc twcl2 tscl1 thcl1 tr, tf tdsu tdh tfs tfh cl1 pulse width "h" clock cycle time cl2 pulse width clock set up time clock hold time clock rise fall time data set up time data hold time "flm" set up time "flm" hold time 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -2/6 8.2 interface timing specification vdd=3.3 0.15v, vss=0v, vcon=0.8~2.8v, ta=+5 c ~+40 c 0.9vdd 0.8vdd 0.2vdd 0.8vdd 0.2vdd measurement point 0.9vdd 0.1vdd do~d7 cl2 cl1 flm tfh tfs twhcl1 tr tf twcl2 tr tf tscl1 thcl1 twcl2 tcyc tdh tdsu 0.1vdd displays, hitachi, ltd. sh. no. page date 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -3/6 8.3 power on / off sequence displays, hitachi, ltd. sh. no. page date (note 1) please keep the specified sequence because wrong sequence may cause permanent damage to the lcd panel. (note 2) hitachi recommends you to use disp off function. display quality may deteriorate if you don't use disp off function. vdd tdld tdld tch tch tdlcr tdlcf tdlcs tdlcs tdor tdof cl1 vcon disp off 0.95 vdd 0.8 vdd 0.8 vdd 0.8 vdd 0.2 vdd 0. 0 5 vdd 0. 95 vdd t d t ldh t ldh (adjusted vcon voltage) t vh 0. 2 vdd symbol min max unit m s m s m s ns ns m s m s m s m s 10 0 1 00 200 0 20 0 0 0 tdld tch tldh tdor tdof tdlcr tdlcf tdlcs tvh comment (note 1) (note 2) 10 0 2 00 - - - - m s 4 00 t d - - - - - (note 3) 0.8 < vcon < 2.8v vcon voltage should be set up to adjusted voltage before disp off signal arises. otherwise, when disp off signal arises, adjusted contrast image may not be generated. (note 4) please keep the specified sequeuce of disp off signal because if the tvh is short enough, lcd panel may not be restarted. (note 2,3) (note 4) (note 1) 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -4/6 8.4 power supply for lcm vcfl vss cfl vcon vdd vss c2 + - +3.3v c1 + - stabilized +3.3v r1 r2 vr displays, hitachi, ltd. sh. no. page date lcm 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -5/6 8.5 input data allocation table displays, hitachi, ltd. sh. no. page date data signal y x 1 2 3 4 5 478 479 480 1 2 3 4 5 6 7 8 9 10 11 12 ----- r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r g b r g b r g b r g b ----- g b r g b r : red g : green b : blue d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 d 7 d 6 d 5 d 4 ----- d 4 d 3 d 2 d 1 d 0 1 9 1 7 1 9 1 8 1 9 1 9 1 9 2 0 1 9 1 6 3284ps 2708 - sx19v001-z1 - 2 july 5, '99 8 -6/6 8.6 internal pin connection displays, hitachi, ltd. sh. no. page date cn 3 molex 5 2435 - 2891 pin no. signal level function 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 n.c n.c vss vcon vss vdd vdd d7 d6 d5 d3 d2 d1 d0 vss cl2 v ss cl1 v ss flm vss vss nc nc nc nc - gnd data shift gnd data latch gnd first line marker - - - - - - h / l h / l h - - - - - - h / l - h / l - - gnd contrast adjust gnd power supply for logic power supply for logic h : on / l : off display data gnd gnd disp off d4 cn2 jst : bhsr-02vs-1 (suitable connector : (1) sm02b-bhss-1-tb or (2) housing : bhsmr-02vs-1 contact pin : sbhsm-002t-p0.5 ) pin no. signal level function 1 2 vcfl vss a c - power supply for cfl gnd for cfl 3284ps 2710 - sx19v001-z1 - 2 july 5, '99 10-1/4 10.1 appearance inspection condition visual inspection should be done under the following condition. (1) the inspection should be done in a dark room. (2) the cfl should be lighted with the prescribed inverter. (3) the distance between eyes of an inspector and the lcd module is 25cm. (4) the viewing zone is shown the figure. viewing angle < 25 10. appearance standard 10.2 definition of zone a zone : the effective display area specified at page 9-1/1 of this document. b zone : area between the window of bezel line and the effective display are (a zone) line specified at page 9-1/1 of this document. 25 eye 25 eye lcd bezel dots area effective display area a zone b zone displays, hitachi, ltd. sh. no. page date 10.3 appearance specification (1) lcd appearance *) if the problem related to this section occurs about this item, the responsible persons of both party (customer and hitachi) will discuss the matter detail. item distinguished one is not acceptable (to be judged by hitachi standard) same as above same as above average diameter d (mm) d < 0.2 0.2 < d < 0.3 0.3 < d < 0.5 0.5 < d maximum acceptable number ignored 12 3 none filamentous (line shape) l < 2.0 l < 3.0 l < 2.5 0.03 < w < 0.05 0.05 < w < 0.1 w < 0.03 length l (mm) width w (mm) maximum acceptable number ignored 6 1 round (dot shape) maximum acceptable number average diameter d (mm) minimum space 0.2 < d < 0.3 d < 0.2 0.3 < d < 0.4 0.4 < d the total number ignored 10 5 none 10 mm 3 0 mm filamentous + round = 10 those wiped out easily are acceptable criteria applied zone to be judged by hitachi standard same as above a a a, b a, b a a a a scratches no. dent wrinkles in polarizer bubbles stains, foreign materials dark spot color tone color uniformity l c d 3284ps 2710 - sx19v001-z1 - 2 july 5, '99 10-2/4 displays, hitachi, ltd. sh. no. page date 3284ps 2710 - sx19v001-z1 - 2 july 5, '99 10-3/4 item d < 0.25 0.25 11. precaution in design 11. 1 mounting precaution 3284ps 2711 - sx19v001-z1 - 2 july 5, '99 11-1/3 please mount the lcd module using mounting holes arranged in 4 corners, and please pay attention to the followings. (1) to prevent the module cover from being pressed, the distance between the module and the fitting plate, which means the lenght of the spacers, should be shorter than 1.0mm. (2) we recommend you to use protective spacers in order to protect the module from any kinds of shocks to your set. 11.2 precautions against electrostatic discharge as this module contains c-mos lsis, it is not strong against electrostatic discharge. make certain that the operator's body is connected to the ground through a list band etc. and don't touch i/f pins directly. the module spacer spacer customer's housing protective spacer example of mounting displays, hitachi, ltd. sh. no. page date tbd tbd 191 0.2 tbd tbd upper panel lower panel protective spacer 4- f 5.0 spacer 4- f 7.0 location of spacers unit : mm scale : nts 3284ps 2711 - sx19v001-z1 - 2 july 5, '99 11-2/3 11.3 power on sequence input signals should not be applied to lcd module before power supply voltage is applied and reaches to specified voltage (3.0 0.15v). if the above sequence is not kept, c-mos lsis of lcd module may be damaged due to latch up phenomenon. 11.4 handling precautions (1) since the polarizer on the top, and the aluminum plate on the bottom tend to be easily damaged, they should be handled with full care so as not to get them touched, pushed or rubbed by a piece on glass, tweezers and anything else which are harder than a pencil lead 3h. (2) as the adhesives used for adhering upper/lower polarizers and aluminum plate are made of organic substances which will be deteriorated by a chemical reaction with such chemicals as acetone, tuluene, ethanole and isopropylalcohol. the following solvents are recommended for use : normal hexane please contact us when it is necessary for you to use chemicals other than the above. (3) lightly wipe to clean the dirty surface with absorbent cotton or other soft material like chamois, soaked in the recommended chemicals without scrubbing it hardly. always wipe the surface horizontally or vertically. never give a wipe in a circle. to prevent the display su rface from damage and keep the appearance in good state, it is sufficient, in general, to wipe it with absorbent cotton. (4) immediately wipe off saliva or water drop attached on the display area because it may cause deformation or faded color. (5) fogy dew deposited on the surface may cause a damage, stain or dirt to the polarizer. when you need to take out the lcd module from some place at low temperature for test, etc. it is required to be warmed them up to be tem perature higher than room temperature before taking them out. (6) touching the display area or i/f pins with bare hands or contaminating them are prohibited, because the stain on the display area and poor insulation between terminals are often caused by being touched with bare hands. (some cosmetics are detrimental to polarizers.) (7) in general, the glass is fragile so that it, especially on its periphery, tends to be cracked or chipped in handling. please do not give the lcd module sharp shocks caused by falling etc. (8) maximum pressure to the surface must be less than 1.96 10 4 pa (0.2kgf/cm 2 ). and if the pressure area is less than 1cm 2 , maximum pressure must be less than 1.96n (0.2kgf). (9) while handling lcm, please do not press dc/dc converter on the back (location ; see page 9-1/1, note(2)) by fingers. (10) since the metal width is narrow on these locations (see page 9-1/3, note(3)), please be careful with handling. displays, hitachi, ltd. sh. no. page date 11.5 operation precaution (1) using a lcm module beyond its maximum ratings may result in its permanent destruction. lcm module's should usually be used under recommended operating conditions shown in chapter 5. exceeding any of these conditions may adversely affect its reliability. (2) response time will be extremely delayed at lower temperature than the specified operating temperature range and on the other hand lcd's shows dark blue color at higher temperature. however those phenomena do not mean defects of the lcd module. those phenomena will disappear in the specified operating temperature range. (3) if the display area is pushed hard during operation, some display patterns will be abnormally displayed. (4) a slight dew depositing on terminals may cause electrochemical reaction which leads to terminal open circuit. please operate the lcd module under the relative condition of 40 c 85%rh. 11.6 storage in case of storing lcd module for a long period of time (for instance, for years) for the purpose of replacement use, the following precautions necessary. (1) store the lcd modules in a dark place ; do not expose them to sunlight or ultraviolet rays. (2) keep the temperature between 10 c and 35 c at normal humidity. (3) store the lcd modules in the container which is used for shipping from us. 11.7 safety the lcd modules include cold cathode fluorescent lamp (cfl). cfl contains a small amount of mercury. please follow local ordinances or regulations for disposal. 3284ps 2711 - sx19v001-z1 - 2 july 5, '99 11-3/3 displays, hitachi, ltd. sh. no. page date 3284ps 2712 - sx19v001-z1 - 2 july 5, '99 12-1/2 12.1 lot mark lot mark is consisted of 4 digits for production lot and 6 or 7 digits for production control. 12. designation of lot mark year figure in lot mark 1999 2000 2001 2002 2 1 0 9 9 0 4 2 week month year digits for production control week figure in lot mark 1 ~ 7 4 3 2 1 (day in calender) 5 8 ~ 14 15 ~ 21 22 ~ 28 29 ~ 31 month figure in lot mark jan. 01 month figure in lot mark feb . 02 mar . 03 apr . 04 may 05 june 06 july 07 aug . 08 sep . 09 oct . 10 nov. 11 dec. 12 displays, hitachi, ltd. sh. no. page date 3284ps 2712 - sx19v001-z1 - 2 july 5, '99 12-2/2 12.2 revision rev no. item lot no. production control no. a 00001 ~ 12.3 location of lot mark either label a or label b is being attached on the back side of lcm. label a note 1 : japan or taiwan sx19v001-z1 9042hn00001 warning high voltage rev. made in lot no. production control no. rev no. note 1 label b sx19v001-z1 9042hn00001 rev. made in lot no. production control no. rev no. note 1 warning high voltage 52 00 0h 6 k 1 1 200001 displays, hitachi, ltd. sh. no. page date 3284ps 2713 - sx19v001-z1- 1 july 5, '99 13-1/1 13. precaution for use (1) a limit sample should be provided by the both parities on an occasion when the both parties agree to its necessity. judgment by a limit sample shall take effect after the limit sample has been established and confirmed by the both parties. (2) on the following occasions, the handling of the problem should be decided through discussion and agreement between responsible persons of the both parties. (1) when a question is arisen in the specifications. (2) when a new problem is arisen which is not specified in the specifications. (3) when an inspection specification change or operating condition change by customer is reported to hitachi, and some problem is arisen in the specification due to the change. (4) when a new problem is arisen at the customer's operating set for sample evaluation (3) regarding the treatment for maintenance and repairing, both parties will discuss it in six month later after latest delivery of this product. the precaution that should be observed when handling lcm have been explained above. if any points are unclear or if you have any requests, please contact hitachi. displays, hitachi, ltd. sh. no. page date |
Price & Availability of SX19V001Z1 |